Part Number Hot Search : 
MRF100 IRF620 18271452 GL8T100 AMS431BS 70N1T EN6681B 16RH4
Product Description
Full Text Search
 

To Download CDPH6406 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS
Type: CDPH64
Product Description
6.9x6.2mm Max. (LxW), 5.0mm Max. height Inductance range: 10390H Rated Current Range : 0.21.32A In addition to the standard versions of inductors shown here, custom inductors are available to meet your exact requirement
Feature
Magnetically shielded construction. Ideally Used in Notebook PC,DVD,LCD TV, Game machine, STB etc as DC-DC Converter inductors. RoHS Compliance
Dimensions (mm)
5.9 0.3
Ma x.5.0
0.1
1.50.2
5.9 0.3 6.6 0.3
Electrode
Land Pattern (mm)
1.9
1.4
4.6
Part of silk screen
Please refer to the sales offices on our website for a representative near you
www.sumida.com
7.4
6.6 0.3
4.6
1/2
POWER INDUCTORS
Type: CDPH64
Specification
Part Name CDPH64NP-1OON CDPH64NP-12ON CDPH64NP-15ON CDPH64NP-18ON CDPH64NP-22ON CDPH64NP-27ON CDPH64NP-33ON CDPH64NP-39ON CDPH64NP-47ON CDPH64NP-56ON CDPH64NP-68ON CDPH64NP-82ON CDPH64NP-1O1N CDPH64NP-121N CDPH64NP-151N CDPH64NP-181N CDPH64NP-221N CDPH64NP-271N CDPH64NP-331N CDPH64NP-391N Stamp Inductance within 1kHz/1V 25 10H 20 % 25 12H 20 % 25 15H 20 % 25 18H 20 % 25 22H 20 % 25 27H 20 % 25 33H 20 % 25 39H 20 % 25 47H 20 % 25 56H 20 % 25 68H 20 % 25 82H 20 % 25 100H 20 % 25 120H 20 % 25 150H 20 % 25 180H 20 % 25 220H 20 % 25 270H 20 % 25 330H 20 % 25 390H 20 % D.C.R.() Max.(Typ.) (at 20) 0.12(89m) 0.13(98m) 0.14(0.11) 0.15(0.12) 0.18(0.14) 0.24(0.18) 0.27(0.21) 0.31(0.24) 0.38(0.29) 0.44(0.34) 0.49(0.37) 0.59(0.45) 0.66(0.51) 0.73(0.56) 1.27(0.98) 1.42(1.09) 1.52(1.17) 2.30(1.77) 2.62(2.02) 2.88(2.21) Rated current () 1 1.32 1.16 1.09 1.00 0.92 0.82 0.73 0.67 0.61 0.58 0.50 0.46 0.38 0.37 0.34 0.30 0.27 0.25 0.22 0.20
100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391
Description of part name
CDPH64NP-1OON B Box C Carrier Tape 1 Rated current: The DC current at which the inductance decreases to75% of it's nominal value or when t=40, whichever is lower(Ta=20).
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2


▲Up To Search▲   

 
Price & Availability of CDPH6406

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X